PART |
Description |
Maker |
MC68A09 |
8-Bit Microprocessing Unit
|
Motorola
|
CDP1855 CDP1855C CDP1855CD CDP1855CDX CDP1855CE CD |
8-Bit Programmable Multiply/Divide Unit 8位可编程除单 8-Bit Programmable Multiply/Divide Unit 8-BIT, DSP-MULTIPLIER, CDIP28 8-Bit Programmable Multiply/Divide Unit 8-BIT, DSP-MULTIPLIER, PDIP28 From old datasheet system
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|
IDT49C460EJB IDT49C460DFF IDT49C460AG IDT49C460AJ |
Rectangular Connector; Body Material:Polyester; Series:8016; Number of Contacts:90; Contact Material:Phosphor Bronze; Contact Plating:Gold Over Nickel; Gender:Female; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):Yes 32位CMOS错误检测和纠正装置 32-BIT CMOS ERROR DETECTION AND CORRECTION UNIT 49C SERIES, 32-BIT ERROR DETECT AND CORRECT CKT, CQFP68 32-BIT CMOS ERROR DETECTION AND CORRECTION UNIT 49C SERIES, 32-BIT ERROR DETECT AND CORRECT CKT, CPGA68 32-BIT CMOS ERROR DETECTION AND CORRECTION UNIT 49C SERIES, 32-BIT ERROR DETECT AND CORRECT CKT, PQCC68
|
Integrated Device Technology, Inc.
|
MC68705P3 MC68705P3CS MC68705P3S |
8-Bit EPROM Microcomputer Unit 8-BIT, UVPROM, 2.1 MHz, MICROCONTROLLER, CDIP28
|
Motorola Mobility Holdings, Inc. MOTOROLA[Motorola, Inc]
|
SAF-C164CM-4EF SAK-C164CM-4EF SAF-C164CM-4RF SAF-C |
16-Bit Microcontrollers - 32 K OTP, 2 K RAM, CAN, Drive Control Unit 16-Bit Microcontrollers - 32 K ROM, 2 K RAM, CAN, Drive Control Unit 16-Bit Microcontrollers - 32 K ROM, 2 K RAM, Drive Control Unit
|
Infineon
|
MC146805F2 MC146805F2CP MC146805F2CFN MC146805F2FN |
8-BIT MICROCOMPUTER UNIT
|
Motorola, Inc
|
EF6805P2 EF6805P6 EF6805R2 EF6805R3 EF6805U2 EF680 |
8-BIT MICROCOMPUTER UNIT
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics]
|
L4C381 L4C381JC15 L4C381JC20 |
High Speed,Cascadable 16-bit Arithmetic and Logic Unit(高速层6位算术和逻辑单元) 16-bit Cascadable ALU
|
LOGIC Devices Incorporated
|
74HCT181 74HCT181D 74HCT181N 74HCT181N3 74HC181N3 |
4-bit arithmetic logic unit
|
PHILIPS[Philips Semiconductors]
|
T74LS181 |
4-Bit Arithmetic Logic Unit
|
ST Microelectronics
|